PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
LGA679 LGA679-CO LSA679 LSA679-CO Q62703-Q2554 LYA |
LC SIDELED Low Current LED SINGLE COLOR LED, GREEN, 2.4 mm ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85%
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
A63L0636E-4.2F A63L0636 A63L0636E A63L0636E-2.6 A6 |
DIODE ZENER SINGLE 500mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1Vr DO35-GLASS 5K/AMMO 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.05 5uA-Ir 3Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. http:// AMIC Technology Corporation AMICC[AMIC Technology]
|
RTS-123.3 RTS-093.3 RTS-243.3 RTD-0505 RTD-0509 RT |
2 Watt SMD Single & Dual Output 2瓦特贴片 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-26 2 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SR230-6 SR230-24 SR60 SR660-9 SR110-12 SR110-15 SR |
Single output 20W ~ 660W隆隆 ZTK-89 Single output 20W ~ 660W 单输0660W Single output 20W ~ 660W
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Rohm Co., Ltd.
|
PC3-5-5 PC3-12-3.3 PC3-5-3.3 PC3-5-12 PC1R5-24-5 P |
Single output DC-DC converter 1.5W ~ 6W Single Dual output DC-DC converter 1.5W ~ 25W Single/ Dual output DC-DC converter 1.5W ~ 25W LED Panel Indicator; LED Color:Green; Luminous Intensity:300foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No OSC 5V 8PIN CMOS Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 MICRO 31 P 30" RBW JACKS 单,双输出DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换1.5W6W Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换.5W6W Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 MICRO 31 PIN 36" RBW
|
LAMBDA[DENSEI-LAMBDA] Struthers-Dunn Advanced Analogic Technologies, Inc. Ecliptek, Corp. NXP Semiconductors N.V. Micrel Semiconductor, Inc. TE Connectivity, Ltd.
|
NME2412D NME2412S NME2415D NME4815S NME NME2405D N |
Isolated 1W Single Output DC-DC Converters 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|